Part Number Hot Search : 
SFH70 TN2510N8 0512M MAC04012 DM78L06A 06C10 5ETTT ES5196
Product Description
Full Text Search
 

To Download GT11-1822PCF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT11 Series
-- Connectors for coaxial cables --
Features
Cost efficient termination Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment. Lock-release latching system Shock / vibration resistant electrical connections Verification of the full contact insertion
77
For Double-Conductor coaxial shielded cable
F Connectors
Outer terminals
Part Number GT11-2S-5.2C GT11-2S-6.0C
CL No. 761-0002-3 761-0028-7
Applicable Cable 4.5 to 5.2mm 5.8 to 6.2mm
Item Outer terminal Insulator
Material Brass PT
Finish Tin plating Color: Dark gray
* The suitable terminals might differ depending on the internal structure of the cable.
Inner Terminals
Part Number
CL No.
Conductor Size (AWG) #18 to 22 #24 to 28
Material Brass
Finish Tin plating
Packaging 8,000 pcs. per reel
M Connectors
Outer terminals
Part Number GT11-2P-5.2C GT11-2P-6.0C
CL No. 761-0001-0 761-0027-4
Applicable Cable 4.5 to 5.2mm 5.8 to 6.2mm
Item Outer terminal Insulator
Material Brass PT
Finish Tin plating Color: Dark gray
* The suitable terminals might differ depending on the internal structure of the cable.
Inner Terminals
Part Number GT11-1822PCF GT11-2428PCF
CL No. 761-0003-6 761-0019-6
Conductor Size (AWG) #18 to 22 #24 to 28
Material Brass
Finish Tin plating
Packaging 8,000 pcs. per reel
78
For Double-Conductor coaxial cable
F Connectors
Housing
BShown with inserted retainer
Part Number GT11-2S-HU
CL No. 761-0005-1
Material PBT
Color Light gray
M Connectors
Housing
BShown with inserted retainer
Part Number GT11-2P-HU
CL No. 761-0006-4
Material PBT
Color Light gray
BShown with inserted retainer
BFully mated connector assemblies
Part Number GT11N-2PP-HU
CL No. 761-0008-0
Material PBT
Color Light gray
79
M Connectors
Housing
BRecommended Board Mounting Pattern
For outer conductor For inner conductor
Part Number
CL No.
Material
Finish ---Tin plating ---Tin plating
Color Light gray ---Dark gray ----
GT11-2S-HU
PBT Brass 761-0005-1 PBT Phosphor bronze
Housing (2-position Type)
BFully mated connector assemblies
BRecommended Panel Cut-out
BRecommended Board Mounting Pattern
For outer conductor For inner conductor
Part Number
CL No.
Material
Finish ---Tin plating ---Tin plating
Color Light gray ---Dark gray ----
GT11X-2/2P-DS
PBT Brass 761-0022-0 PBT Phosphor bronze
Housing (Straight Type)
BRecommended Board Mounting Pattern
BFully mated connector assemblies
Part Number GT11-2P-DSA
CL No. 761-0038-0
80
Waterproof type For Double-Conductor coaxial cable
F Connectors
Housing
BFully mated connector assemblies
Part Number GT11W-2P-HU
CL No. 761-0023-3
Material PBT
M Connectors
Housing
Part Number GT11W-2S-HU
CL No. 761-0024-6
Material PBT
Retainer (used with GT11W-2S-HU and GT11W-2P-HU)
Part Number GT11W-6.0R
CL No. 761-0025-9
Applicable Cable PBT Silicon rubber compound
81
Waterproof type For Double-Conductor coaxial cable
F Connectors
Housing
BShown with inserted retainer
Part Number GT11K-2/2S-HU
CL No. 761-0039-3
Material PBT
Color Light gray
* Mates only with GT11KN-2/2PP-HU.
M Connectors
Housing
BShown with inserted retainer
Part Number
CL No.
Material PBT
Color Light gray
GT11KN-2/2PP-HU 761-0040-2
82
BTermination sequence
1Strip the cable.
Shield
6Insert the internal terminals into the Outer terminals.
The joined side of the crimp portion faces upward (for both male and female).
Cable
2Cut the shield and expose the wire.
Wire
7Crimp the Outer terminal. 3Cut back the shield above the sheath and wrap with conductive tape.
The shield must be visible.
Jig used: Outside tube caulking jig. (Refer to Page 91 for detail.) 8Insert the terminal into the housing. (Please insert until the terminal is stopped by the lance.) 4Strip the wire and form it.
Conductor
Jig used: Cable-forming strip jig (Refer to Page 85 for detail.) 5Crimp the wire to the internal terminal.
1mm max.
9Mount the retainer to complete the task.
Jig used: Automatic crimping machine. (Refer to Page 85 for detail.)
Refer to Page 84 for information about the retainer mounting method. 83
BRetainer Mounting Method
a. Insert so that the terminal locking tab is inserted between the top surface of the terminal and the housing.
b. Push in while changing the angle of the retainer until the front surface comes to a stop.
c. Press the rear portion of the retainer and snap it into the locked position.
d. If locking is not complete, press the rear portion of the retainer again while pulling it backward.
* Check that all locations are locked. * Check that the bands are housed in all of the receiving areas. 84
BTermination Tools
User's manuals are available. Please ask your Hirose Electric account representative.
Cable-Forming Strip Jig (for 2-conductor cable) Main Unit Accessory (Electrical Box)
Specifications
Capacity Mounting Dimensions Approximately 400 W x 500 D x 300 H Weight Power supply Approximately 40 kg Remarks Approximately 300 W x 250 D x 200 H Approximately 5 kg
AC100V (50/60Hz) 5-6Kgf/cm Approximately 14 seconds
Part Number CT11-ST/AD
Air pressure Task time
Automatic Crimping Machine (for 2-conductor and 8-conductor cable)
Specifications
Item Capacity Stroke Number of strokes Weight Motor Crimping speed Specification 1.5tons 30mm 200spm (50Hz) 75kg 0.2kW 2000 to 4000 pcs. per day AC100V 200spm (60Hz) Remarks
Part Number CM-105
Cable-Forming Strip Jig (for 2-conductor cable) Main Unit Accessory (Electrical Box)
Specifications
Specification Mounting Dimensions Approximately 300 W x 400 D x 300 H Weight Power supply Air pressure Approximately 25 kg Remarks Approximately 300 W x 250 D x 200 H Approximately 5 kg
AC100V (50/60Hz) 5-6Kgf/cm
Part Number CT11-CT/AD
* Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative. Different cables will require different crimp height settings.
85
For 8-Conductor coaxial shielded cable
F Connectors
Inner Terminal
Part Number GT11-1822SCF GT11-2428SCF
CL No. 761-0004-9 761-0020-5
Conductor Size (AWG) Material #24 to 28 Phosphor bronze #24 to 28 Phosphor bronze
Finish Tin plating Tin plating
Insulator
Part Number GT11-8DS-2.8C
CL No. 761-0014-2
Material PBT
Outer terminals
Part Number GT11-8DS-5C
CL No. 761-0015-5
Material Brass
Finish Phosphor bronze
86
Shield Plate
Part Number GT11-8DS-SB
CL No. 761- 0016-8
Material Brass
Finish Tin plating
Housing
Part Number GT11-8DS-HU
CL No. 761-0017-0
Material PBT
Retainer (used with GT11-8DS-HU)
Part Number GT11-8DS-6R
CL No. 761-0018-3
Material PBT
87
M Connectors
Inner Terminals
Part Number GT11-1822PCF GT11-2428PCF
CL No. 761-0003-6 761-0019-6
Conductor Size (AWG) Material #18 to 22 Phosphor bronze #24 to 28 Phosphor bronze
Finish Tin plating Tin plating
Insulator
Part Number GT11-8DP-2.8C
CL No. 761-0009-2
Material PBT
Outer terminals
Part Number GT11-8DP-5C
CL No. 761-0010-1
Material Brass
Finish Phosphor bronze
88
Shield Plate
Part Number GT11-8DP-SB
CL No. 761-0011-4
Material Brass
Finish Phosphor bronze
Housing
Part Number GT11-8DP-HU
CL No. 761-0012-7
Material PBT
Retainer (Used with GT11-8DS-HU)
Part Number CL No. GT11-8DP-6R 761-0013-0 * Reserved for product expansion
Material PBT
89
Printed Circuit Board Type
BRecommended Board Mounting Pattern
BFully mated connector assemblies
Board
Part Number
CL No.
GT11-8DP-2.8DS
761-0021-8
Item Material Housing PBT Outer Terminal Phosphor bronze Insulator PBT Terminal Brass
Finish Tin plating Tin plating
90
BTermination sequence
1Strip the Cable. 6Insert the inner terminals into the insulated case.
Inner terminal Cable Shield
2Cut the shield and expose the wire.
Wire
7Insert what was made in Step 6 into the Outer terminals.
Outer terminals
3Cut back the shield above the sheath and wrap with conductive tape.
Conductive tape
8Insert the caulking shield cover onto the Outer terminals.
Shield cover
4Strip the wire.
9Insert what was made in Step 8 into the housing.
Housing
5Crimp the internal terminals.
!0Insert the retainer.
Internal terminals
Retainer
Completion
91
BTermination Tools
User's manuals are available. Please ask your Hirose Electric account representative.
Cable-Forming Strip Jig (for 2-conductor cable) Main Unit Accessory (Electrical Box)
Specifications
Capacity Mounting Dimensions Approximately 400 W x 500 D x 300 H Weight Power supply Air pressure Task time Approximately 40 kg Remarks Approximately 300 W x 250 D x 200 H Approximately 5 kg
AC100V (50/60Hz) 5-6Kgf/cm Approximately 14 seconds
Part Number CT11-ST/AD
Automatic Crimping Machine (for 2-conductor and 8-conductor cable)
Specifications
Item Capacity Stroke Number of strokes Weight Motor Crimping speed 1.5Ton 30mm 200 spm (50Hz) 75kg 0.2kW 2000 to 4000 pcs. per day AC100V 240spm (60Hz) Specification Remarks
Part Number CM-105
Cable-Forming Strip Jig (for 2-conductor cable) Main Unit Accessory (Electrical Box) Specifications
Specification Mounting Dimensions Approximately 300 W x 400 D x 300 H Weight Power supply Air pressure Approximately 25 kg Remarks Approximately 300 W x 250 D x 200 H Approximately 5 kg
AC100V (50/60Hz) 5-6Kgf/cm
* Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative. Different cables will require different crimp height settings.
Part Number CT11-CT/AD
Outer terminal Caulking Jig (for 8-conductor cable)
Hand Press
Part Number GT11-8S/P-HP
92


▲Up To Search▲   

 
Price & Availability of GT11-1822PCF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X